PART |
Description |
Maker |
LP62S1024BM-55LLT LP62S1024BM-70LLT LP62S1024B-T L |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMICC[AMIC Technology]
|
LP62S16256FU-55LLT |
55ns; operating current:40mA; standby current:10uA; 256K x 16bit low voltage CMOS SRAM
|
AMIC Technology
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
AS7C31026 AS7C31026-10 AS7C31026-10BC AS7C31026-10 |
5V/3.3V 64K16 CMOS SRAM 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 CONN SOCKET IC 16-PIN SMD 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 CONN SOCKET IC 18-PIN SMD 8-Bit Parallel-Load Shift Registers 16-SO -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
V62C1802048LL-70T V62C1802048LL-85T V62C1802048LL- |
Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp MOSEL[Mosel Vitelic Corp]
|
V62C3802048LL-35T V62C3802048LL-35V V62C3802048LL- |
256K X 8 STANDARD SRAM, 35 ns, PDSO32 256K X 8 STANDARD SRAM, 45 ns, PDSO32 Ultra Low Power 256K x 8 CMOS SRAM 超低功256K × 8 CMOS SRAM Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM
|
MOSEL-VITELIC Mosel Vitelic, Corp. Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
TS904 TS904AI TS904I 4474 |
From old datasheet system RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION) RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION
|
STMICROELECTRONICS[STMicroelectronics]
|
AS7C251MFT18A AS7C251MFT18A-75TQC AS7C251MFT18A-75 |
2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Everlight Electronics Co., Ltd. ALSC Alliance Semiconductor Corporation
|
MK48Z02 MK48Z02B12 MK48Z02B15 MK48Z02B20 MK48Z02B2 |
FILTER SAW BNDPASS 43.75MHZ 5SIP CMOS 2K x 8 XEROPOWER SRAM CMOS 2K x 8 XEROPOWER SRAM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AS7C31026-20TI AS7C1026 AS7C1026-12 AS7C1026-12BC |
5V/3.3V 64K x 16 CMOS SRAM 5V / 3.3V 64KX16 CMOS SRAM
|
ALSC[Alliance Semiconductor Corporation]
|